Part Number Hot Search : 
M4005 SD1219 TS35P05G MAE34018 08226 05RD11 MS2100 A1323
Product Description
Full Text Search
 

To Download BAT54-AUAD10001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 may 20,2011-rev.04 bat54 $8 series fig.17 series fig.16 common cathode common cathode fig.15 common anode fig.14 single surface mount schottky barrier voltage 30 volts mechanical ? case: sot-23, plastic ? terminals: solderable per mil-std-750, method 2026 ? approx. weight: 0.0003 ounces, 0.0084 grams data maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. for capacitive load, derate current by 20%. current parameter symbol units marking code - l4 l42 l43 l44 - forward power dissipation@t a =25 o c p d 225 mw peak repetitive reverse voltage v rrm 30 v maximum average forward current at t a =75 o c i o 0.2 a repetitive peak forward current(tp=8.3ms,50%duty cycle) i frm 300 ma peak forward surge current, 1.0s (jedec method) i fsm 0.6 a maximum instantaneous forward voltage @ i f =1ma @ i f =100ma v f 0.32 0.8 v maximum dc reverse current at rated dc blocking voltage@v r =25v i r 2.0 ua junction capacitance at v r =1v c j 10 pf thermal resistance, junction to ambient r ja 500 o c/ w operating junction and storage temperature range t j , t stg -55 to +125 o c circuit figure - single common anode common cathode series - 0.2 amper es sot-23 unit inch(mm) 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) features ? low turn-on voltage ? fast switching ? pn junction guard ring for transient and esd protection. ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) bat54 -au bat54a -au bat54c -au bat54s -au
page . 2 fig. 1-typical forward characteristic fig. 2-typical reverse characteristics fig. 4 forward current derating fig. 3 typical junction capacitance 0 200 300 400 100 50 100 150 200 forward current, ma forward voltage, volts reverse current, a u reverse voltage, volts reverse voltage, volts average forward current, ma junction capacitance, pf ambient temperature( c) o 1.2 t =125 c a o t=85c a o t=25c a o 0 0.1 1.0 10 100 1000 0.4 0.8 0 0.1 1.0 10 100 1000 10 20 30 t =125 c a o t=25c a o t=85c a o 0 0 5 10 15 10 20 30 may 20,2011-rev.04 bat54 $8 series
page . 3 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information may 20,2011-rev.04 sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm) bat54 $8 series
page . 4 may 20,2011-rev.04 part no_packing code_version bat54-au _r1_000 a 1 for e xample : rb500v-40 _ r2 _ 00001 bat54-au _r2_000 a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d bat54 $8 series
page . 2 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. bat54 $8 series may 20,2011-rev.04


▲Up To Search▲   

 
Price & Availability of BAT54-AUAD10001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X